Part Number Hot Search : 
SEL1513E AD5541JR 100AC C0805C1 ACTS630K MC100LV 17083 ZTB720J
Product Description
Full Text Search
 

To Download SSM3K7002F05 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SSM3K7002F
TOSHIBA Field-Effect Transistor Silicon N Channel MOS Type
SSM3K7002F
High-Speed Switching Applications Analog Switch Applications
* * Small package Low ON-resistance : Ron = 3.3 (max) (@VGS = 4.5 V)
0.95 0.95 2.90.2 +0.5 2.5-0.3 +0.25 1.5-0.15 +0.1 0.4-0.05 3 0.3
Unit: mm
: Ron = 3.2 (max) (@VGS = 5 V) : Ron = 3.0 (max) (@VGS = 10 V)
1 2
Maximum Ratings (Ta = 25C)
Characteristics Drain-source voltage Gate-source voltage Drain current DC Pulse Symbol VDS VGSS ID IDP PD Tch Tstg Rating 60 20 200 800 200 150 -55 to 150 Unit V V mA mW C C
+0.2 1.1-0.1 +0.1 0.16-0.06
1.9
Drain power dissipation (Ta = 25C) Channel temperature Storage temperature range
S-MINI
JEDEC JEITA TOSHIBA
1.Gate 2.Source 3.Drain
TO-236MOD SC-59 2-3F1F
Weight: 0.012 g (typ.)
Electrical Characteristics (Ta = 25C)
Characteristics Gate leakage current Drain-source breakdown voltage Drain cutoff current Gate threshold voltage Forward transfer admittance Symbol IGSS V (BR) DSS IDSS Vth Yfs Test Condition VGS = 20 V, VDS = 0 ID = 0.1 mA, VGS = 0 VDS = 60 V, VGS = 0 VDS = 10 V, ID = 0.25 mA VDS = 10 V, ID = 200 mA ID = 500 mA, VGS = 10 V Drain-source ON-resistance RDS (ON) ID = 100 mA, VGS = 5 V ID = 100 mA, VGS = 4.5 V Input capacitance Reverse transfer capacitance Output capacitance Switching time Turn-on delay time Turn-off delay time Ciss Crss Coss td(on) td(off) VDD = 30 V , ID = 200 mA , VGS = 0 to 10 V VDS = 25 V, VGS = 0, f = 1 MHz Min 60 1.0 170 Typ 2.0 2.1 2.2 17 1.4 5.8 2.4 26 Max 10 1 2.5 3.0 3.2 3.3 pF pF pF ns Unit A V A V mS

0~0.1
4.0 40
1
2005-11-03
SSM3K7002F
Switching Time Test Circuit
(a) Test circuit
10 V 0 IN 50 0V RL VDD
OUT
(b) VIN
10 V
90 % 10 %
10 s VDD = 30 V < Duty = 1% VIN: tr, tf < 2 ns (Zout = 50 ) Common Source Ta = 25 C
(c) VOUT
VDD
10 % 90 % tr td(on) td(off) tf
VDS (ON)
Marking
3
Equivalent Circuit (top view)
3
NC
1 2 1 2
Precaution
Vth can be expressed as the voltage between gate and source when the low operating current value is ID= 0.25 mA for this product. For normal switching operation, VGS (on) requires a higher voltage than Vth, and VGS (off) requires a lower voltage than Vth. (The relationship can be established as follows: VGS (off) < Vth < VGS (on). ) Take this into consideration when using the device. The recommended VGS voltage for turning on this product is 4.5 V or higher.
Handling Precaution
When handling individual devices that are not yet mounted on a circuit board, make sure that the environment is protected against electrostatic discharge. Operators should wear antistatic clothing, and containers and other objects that come into direct contact with devices should be made of antistatic materials.
2
2005-11-03
SSM3K7002F
ID - VDS 1000 900 800 D ra in C u rre n t ID (m A ) 700 600 500 400 300 200 100 0 0 0.5 1 1.5 Drain-Source Voltage VDS (V) 2 2.7 2.5 VGS = 2.3 V 0.01 0 1 Common Source Ta = 25 C 7 10 3.3 3.0 5 4.5 4.0 100 D ra in C u rre n t ID (m A ) 1000 Common Source VDS = 10 V
ID - VGS
10
Ta = 100 C
1
25 C
- 25 C
0.1
2 3 Gate-Source Voltage VGS (V)
4
5
5 D ra in -S o u rce O N -R e sista n ce R D S(O N ) ( )
RDS(ON) - ID Common Source Ta = 25 C
5 D ra in -S o u rce O N -R e sista n ce R D S(O N ) ( )
RDS(ON) - VGS Common Source ID = 100 mA
4
4 Ta = 100 C
3 VGS = 4.5 V 2
5.0 V
3
2
25 C
10 V 1
1
- 25 C
0 10 100 Drain Current ID (mA) 1000
0 0 2 4 6 Gate-Source Voltage VGS (V) 8 10
5 Common Source 4 D ra in -S o u rce O N -R e sista n ce R D S(O N ) ( )
RDS(ON) - Ta 2 Ga te Th re sh o ld V o lta g e V th (V ) 1.8 1.6 1.4 1.2 1 0.8 0.6 0.4 0.2 0 -25 0 25 50 75 100 Ambient Temperature Ta (C) 125 150 -25 0
Vth - Ta Common Source ID = 0.25 mA VDS = 10 V
VGS = 4.5 V , ID = 100 mA 3
2
5.0 V , 100 mA 10 V , 500 mA
1
0
25 50 75 100 Ambient Temperature Ta (C)
125
150
3
2005-11-03
SSM3K7002F
|Yfs| - ID 1000 D ra in R e ve rse C u rre n t ID R (m A ) Fo rw a rd Tra n sfe r A d m itta n ce |Y fs| (m S ) Common source VDS = 10 V Ta = 25 C 1000 900 800 700 600 500 400 300 200 100 0 10 100 Drain Current ID (mA) 1000 0 -0.2
S G
IDR - VDS Common Source VGS = 0 V Ta = 25 C
D
IDR
100
10
-0.4 -0.6 -0.8 -1 Drain-Source Voltage VDS (V)
-1.2
-1.4
100
C - VDS Common Source VGS = 0 V f = 1 MHz Ta = 25 C Ciss Coss
10000
t - ID Common Source VDD = 30 V VGS = 0 to 10 V Ta = 25 C
S w itch in g Tim e t (n s)
C a p a cita n ce C (p F)
1000
tf
10
100 td(off) 10 td(on)
tr
Crss 1 0.1 1 10 Drain-Source Voltage VDS (V) 100 1 1 10 100 Drain Current ID (mA) 1000
PD - Ta 250 D ra in P o w e r D issip a tio n P D (m W )
200
150
100
50
0 0 20 40 60 80 100 120 Ambient Temperature Ta (C) 140 160
4
2005-11-03
SSM3K7002F
5
2005-11-03


▲Up To Search▲   

 
Price & Availability of SSM3K7002F05

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X